![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1N5269 - 500 mW Zener Diode 2.4 to 200 Volts - Micro Commercial Components |
|
Click Here View 1N5269 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| DL5221 | 500 mW Zener Diode 2.4 to 200 Volts | Micro Commercial Components |
| CMHZ5221B | SURFACE MOUNT ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW 5% TOLERANCE | Central Semiconductor Corp |
| CMOZ2L4 | ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW 5% TOLERANCE | Central Semiconductor Corp |
| CMPZDA2V4 | SURFACE MOUNT DUAL SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW | Central Semiconductor Corp |
| CMOZ2V4 | ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW 5% TOLERANCE | Central Semiconductor Corp |
| H36 | 500 mW Zener Diode 1.7 to 37.2 Volts | Micro Commercial Components |
| 1N3710B | 1.0W ZENER DIODE 6.8 VOLTS TO 200 VOLTS 5% TOLERANCE | Central Semiconductor Corp |
| BZX55-C2V4 | 500 mWatt Zener Diode 2.42 to 47 Volts | Micro Commercial Components |
| DLZ36B | 500 mW Zener Diode 3.725 to 36.275 Volts | Micro Commercial Components |
| 1N5221B | ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL 5% TOLERANCE | Central Semiconductor Corp |
Link URL |
|
|
Related keyword |
| 1N5269 Datasheet | 1N5269 Cross Reference | 1N5269 Schematic | 1N5269 Distributor | 1N5269 Datenblatt | 1N5269 RoHS |
| 1N5269 Equivalent | 1N5269 Application Notes | 1N5269 Data Sheet | 1N5269 component | 1N5269 Fiche Technique | 1N5269 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |