|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4448 - 500mW 100Volt Switching Diode - Micro Commercial Components |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DL4448 | 500mW 100Volt Switching Diode | 1 2 3 | Micro Commercial Components |
| 1N4148WX | High Speed Switching Diode 500mW | 1 2 | Micro Commercial Components |
| BAS16 | 350mW 100Volt Switching Diode | 1 2 | Micro Commercial Components |
| MMBD7000 | 350mW 100Volt Dual Switching Diode | 1 2 | Micro Commercial Components |
| DL4148 | 500mW 100 Volt Silicon Switching Diode | 1 2 3 | Micro Commercial Components |
| DL914 | 500mW 100 Volt Silicon Switching Diode | 1 2 3 | Micro Commercial Components |
| 1N4148W | High Speed Switching Diode 500mW | 1 2 | Micro Commercial Components |
| CDLL5518 | ZENER DIODE 500mW | 1 2 | Compensated Deuices Incorporated |
| M1MA141WKT1 | SC-70/SOT-323 PACKAGE COMMON CATHODE DUAL SWITCHING DIODE 40/80 V-100 mA SURFACE MOUNT | 1 2 3 4 5 More | Motorola, Inc |
| BAT54WT1 | SCHOTTKY BARRIER DETECTOR AND SWITCHING DIODE | 1 2 3 4 | ON Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|