|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N4151 - 500mW 75 Volt Silicon Epitaxial Diode - Micro Commercial Components |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N4148 | 500mW 100 Volt Silicon Epitaxial Diode | 1 2 3 | Micro Commercial Components |
| 1N4154 | 500mW 35 Volt Silicon Epitaxial Diode | 1 2 3 | Micro Commercial Components |
| 1N914 | 500mW 100 Volt Silicon Epitaxial Diodes | 1 2 3 | Micro Commercial Components |
| DL4148 | 500mW 100 Volt Silicon Switching Diode | 1 2 3 | Micro Commercial Components |
| MMBD4148 | 350mW 100 Volt Silicon Epitaxial Diode | 1 2 3 | Micro Commercial Components |
| DL914 | 500mW 100 Volt Silicon Switching Diode | 1 2 3 | Micro Commercial Components |
| 1N4454 | 400mW 75 Volt Silicon Epitaxial Diode | 1 2 3 | Micro Commercial Components |
| MMBD914 | 350mW 100 Volt Silicon Epitaxial Diode | 1 2 | Micro Commercial Components |
| HVD133 | Silicon Epitaxial Planar Pin Diode for High Frequency Switching | 1 2 3 4 5 | Hitachi Semiconductor |
| U20GL2C48A | TOSHIBA HIGH EFFICIENCY DIODE STACK HED SILICON EPITAXIAL TYPE | 1 2 | Toshiba Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|