Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX961 Datasheet (PDF) - Maxim Integrated Products

MAX961 Datasheet PDF - Maxim Integrated Products
Part # MAX961
Download  MAX961 Download

File Size   371.2 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators

MAX961 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX961 Datasheet PDF - Maxim Integrated Products

Part # MAX961
Download  MAX961 Click to download

File Size   371.2 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators

MAX961 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX961 Datasheet HTML 1Page - Maxim Integrated Products MAX961 Datasheet HTML 2Page - Maxim Integrated Products MAX961 Datasheet HTML 3Page - Maxim Integrated Products MAX961 Datasheet HTML 4Page - Maxim Integrated Products MAX961 Datasheet HTML 5Page - Maxim Integrated Products MAX961 Datasheet HTML 6Page - Maxim Integrated Products MAX961 Datasheet HTML 7Page - Maxim Integrated Products MAX961 Datasheet HTML 8Page - Maxim Integrated Products MAX961 Datasheet HTML 9Page - Maxim Integrated Products MAX961 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX961 Product details

General Description
The MAX961–MAX964/MAX997/MAX999 are low-power, ultra-high-speed comparators with internal hysteresis.
These devices are optimized for single +3V or +5V operation. The input common-mode range extends 100mV Beyond-the-Rails™, and the outputs can sink or source 4mA to within 0.52V of GND and VCC. Propagation delay is 4.5ns (5mV overdrive), while supply current is 5mA per comparator.


Features
♦ Ultra-Fast, 4.5ns Propagation Delay
♦ Ideal for +3V and +5V Single-Supply Applications
♦ Beyond-the-Rails Input Voltage Range
♦ Low, 5mA Supply Current (MAX997/MAX999)
♦ 3.5mV Internal Hysteresis for Clean Switching
♦ Output Latch (MAX961/MAX963)
♦ TTL/CMOS-Compatible Outputs
♦ 270µA Shutdown Current per Comparator (MAX961/MAX963/MAX964/MAX997)
♦ Available in Space-Saving Packages:
  5-Pin SOT23 (MAX999)
  8-Pin µMAX (MAX961/MAX962/MAX997)
  16-Pin QSOP (MAX964)

Applications
   Single 3V/5V Systems
   Portable/Battery-Powered Systems
   Threshold Detectors/Discriminators
   GPS Receivers
   Line Receivers
   Zero-Crossing Detectors
   High-Speed Sampling Circuits
                                                                                                                          




Similar Part No. - MAX961

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX9610 MAXIM-MAX9610 Datasheet
224Kb / 11P
   1μA, μDFN/SC70, Lithium-Ion Battery,Precision Current-Sense Amplifier
MAX9610FELT+T MAXIM-MAX9610FELT+T Datasheet
224Kb / 11P
   1μA, μDFN/SC70, Lithium-Ion Battery,Precision Current-Sense Amplifier
MAX9610FEXK+T MAXIM-MAX9610FEXK+T Datasheet
224Kb / 11P
   1μA, μDFN/SC70, Lithium-Ion Battery,Precision Current-Sense Amplifier
MAX9610HELT+T MAXIM-MAX9610HELT+T Datasheet
224Kb / 11P
   1μA, μDFN/SC70, Lithium-Ion Battery,Precision Current-Sense Amplifier
More results


Similar Description - MAX961

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
   Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
logo
3PEAK INC.
TP1961 3PEAK-TP1961 Datasheet
1Mb / 18P
   7ns, 1/2/4, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX975 MAXIM-MAX975 Datasheet
264Kb / 16P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
MAX975 MAXIM-MAX975_07 Datasheet
590Kb / 17P
   Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 2; 2/07
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
   SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com