Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4651 Datasheet (PDF) - Maxim Integrated Products

MAX4651 Datasheet PDF - Maxim Integrated Products
Part # MAX4651
Download  MAX4651 Download

File Size   399.74 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches

MAX4651 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4651 Datasheet PDF - Maxim Integrated Products

Part # MAX4651
Download  MAX4651 Click to download

File Size   399.74 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches

MAX4651 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX4651 Datasheet HTML 1Page - Maxim Integrated Products MAX4651 Datasheet HTML 2Page - Maxim Integrated Products MAX4651 Datasheet HTML 3Page - Maxim Integrated Products MAX4651 Datasheet HTML 4Page - Maxim Integrated Products MAX4651 Datasheet HTML 5Page - Maxim Integrated Products MAX4651 Datasheet HTML 6Page - Maxim Integrated Products MAX4651 Datasheet HTML 7Page - Maxim Integrated Products MAX4651 Datasheet HTML 8Page - Maxim Integrated Products MAX4651 Datasheet HTML 9Page - Maxim Integrated Products MAX4651 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX4651 Product details

General Description
The MAX4651/MAX4652/MAX4653 quad analog switches feature 4Ω max on-resistance (RON) when operating from a single +5V supply. RON is matched between switches to 0.2Ω (max) and is flat (0.8Ω max) over the specified signal range. Each switch can handle Rail-to-Rail® analog signals. Off-leakage current is 0.1nA at +25°C. These switches are ideal in low-distortion applications and are the preferred solution over mechanical relays in automated test equipment or applications where current switching is required. They have low power requirements, require less board space, and are more reliable than mechanical relays.

Features
♦ On-Resistance
    4Ω max at 5V
    7Ω max at 3V
♦ On-Resistance Flatness
    0.8Ω max at 5V
    2.5Ω max at 3V
♦ On-Resistance Matching
    0.2Ω max (+2.7V to +5.5V)
♦ +1.8V to +5.5V Single-Supply Voltage
♦ +1.8V Operation
    On-Resistance 30Ω (typ) Over Temperature
    tON 20ns typ, tOFF 12ns (typ)
♦ TTL/CMOS-Logic Compatible
♦ Crosstalk
    -100dB at 1MHz
♦ Off-Isolation
    -75dB at 1MHz
♦ Rail-to-Rail Signal Range

Applications
    Battery-Powered Systems
    Audio and Video Signal Routing
    Low-Voltage Data-Acquisition Systems
    Sample-and-Hold Circuits
    Communications Circuits
    Relay Replacement




Similar Part No. - MAX4651

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX465 MAXIM-MAX465 Datasheet
162Kb / 16P
   Two-Channel, Triple/Quad RGB Video Switches and Buffers
Rev 2; 6/94
MAX4655 MAXIM-MAX4655 Datasheet
457Kb / 12P
   High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
MAX4655 MAXIM-MAX4655 Datasheet
302Kb / 12P
   High-Current, 10 OHM, SPST, CMOS Analog Switches
Rev 3; 5/05
MAX4655 MAXIM-MAX4655 Datasheet
305Kb / 12P
   High-Current, 10Ω, SPST, CMOS Analog Switches
Rev 4; 6/07
MAX4655ESA MAXIM-MAX4655ESA Datasheet
457Kb / 12P
   High-Current, 10ohm, SPST, CMOS Analog Switches
Rev 2; 2/04
More results


Similar Description - MAX4651

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com