Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4508 Datasheet (PDF) - Maxim Integrated Products

MAX4508 Datasheet PDF - Maxim Integrated Products
Part # MAX4508
Download  MAX4508 Download

File Size   288.22 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers

MAX4508 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4508 Datasheet PDF - Maxim Integrated Products

Part # MAX4508
Download  MAX4508 Click to download

File Size   288.22 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers

MAX4508 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX4508 Datasheet HTML 1Page - Maxim Integrated Products MAX4508 Datasheet HTML 2Page - Maxim Integrated Products MAX4508 Datasheet HTML 3Page - Maxim Integrated Products MAX4508 Datasheet HTML 4Page - Maxim Integrated Products MAX4508 Datasheet HTML 5Page - Maxim Integrated Products MAX4508 Datasheet HTML 6Page - Maxim Integrated Products MAX4508 Datasheet HTML 7Page - Maxim Integrated Products MAX4508 Datasheet HTML 8Page - Maxim Integrated Products MAX4508 Datasheet HTML 9Page - Maxim Integrated Products MAX4508 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX4508 Product details

General Description
The MAX4508/MAX4509 are 8-to-1 and dual 4-to-1 fault protected multiplexers that are pin-compatible with the industry-standard DG508/DG509. The MAX4508/MAX4509 operate with dual supplies of ±4.5V to ±20V or a single supply of +9V to +36V. These multiplexers feature fault-protected inputs, Rail-to-Rail® signal handling capability, and overvoltage clamping at 150mV beyond the rails.

Features
♦ ±40V Fault Protection with Power Off
   ±25V Fault Protection with ±15V Supplies
♦ Rail-to-Rail Signal Handling
♦ No Power-Supply Sequencing Required
♦ All Channels Off with Power Off
♦ Output Clamped to Appropriate Supply Voltage
   During Fault Condition
♦ 1kΩ Output Clamp Resistance During
   Overvoltage
♦ 400Ωmax On-Resistance
♦ 20ns Fault-Response Time
♦ ±4.5V to ±20V Dual Supplies
   +9V to +36V Single Supply
♦ TTL/CMOS-Compatible Logic Inputs

Applications
   Data-Acquisition Systems
   Industrial and Process Control
   Avionics
   Signal Routing
   Redundant/Backup Systems




Similar Part No. - MAX4508

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4508 MAXIM-MAX4508 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4508C/D MAXIM-MAX4508C/D Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4508CPE MAXIM-MAX4508CPE Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4508CSE MAXIM-MAX4508CSE Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4508EPE MAXIM-MAX4508EPE Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
More results


Similar Description - MAX4508

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
   High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
logo
Analog Devices
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
   Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com