Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      MAX3690(2)    MAX3691(2)    MAX3693(2)    MAX369C(4)    MAX369E(3)    MAX369M(1)

Featured Products and Offers


Datasheet

    MAX3691 - 3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs - Maxim Integrated Products

Page

 
Part No. MAX3691
Description  +3.3V, 622Mbps, SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs
Download  MAX3691 Click to view
File Size   89.13 Kbytes / 8 Pages
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX3693+3.3V 622Mbps SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX3890+3.3V 2.5Gbps SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX3690+3.3V 622Mbps SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs 1 2 3 4 5 MoreMaxim Integrated Products
FPD87392+3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS™ Outputs for TFT-LCD Monitor and Notebook SXGA/SXGA+/UXGA 1 2 3 4 5 MoreNational Semiconductor
MAX9310A1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX9317-MAX9317CDual 1:5 Differential Clock Drivers with LVPECL Inputs and LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
MC74HCT174AHex D Flip-Flop with Common Clock and Reset with LSTTL Compatible Inputs 1 2 3 4 5 Motorola, Inc
MC74HCT273AOctal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs 1 2 3 4 5 Motorola, Inc
SCAN92102530-80 MHz 10 Bit Bus LVDS Serializer and Deserializer with IEEE 1149.1 JTAG and at-speed BIST 1 2 3 4 5 MoreNational Semiconductor
MAX38772.5Gbps +3.3V Clock and Data Retiming ICs with Vertical Threshold Adjust 1 2 3 4 5 MoreMaxim Integrated Products

Datasheet Page

1 2 3 4 5 6 7 8


Link URL

Related keyword

  MAX3691 Datasheet   MAX3691 Cross Reference   MAX3691 Schematic   MAX3691 Distributor   MAX3691 Datenblatt   MAX3691 RoHS
  MAX3691 Equivalent   MAX3691 Application Notes   MAX3691 Data Sheet   MAX3691 component   MAX3691 Fiche Technique   MAX3691 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl