Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      MAX3690(2)    MAX3691(2)    MAX3693(2)    MAX369C(4)    MAX369E(3)    MAX369M(1)

Featured Products and Offers


Datasheet

    MAX3690 - 3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs - Maxim Integrated Products

Page

 
Part No. MAX3690
Description  +3.3V, 622Mbps, SDH/SONET 8:1 Serializer with Clock Synthesis and TTL Inputs
Download  MAX3690 Click to view
File Size   117.93 Kbytes / 8 Pages
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX3691+3.3V 622Mbps SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX3693+3.3V 622Mbps SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX3890+3.3V 2.5Gbps SDH/SONET 16:1 Serializer with Clock Synthesis and LVDS Inputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX3270155Mbps/622Mbps Clock Recovery and Data Retiming IC with Fully Integrated Phase/Frequency Detector 1 2 3 4 5 MoreMaxim Integrated Products
HDMP-1638Gigabit Ethernet Transceiver Chip with Dual Serial I/O and Differential PECL Clock Inputs 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
FPD87392+3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS™ Outputs for TFT-LCD Monitor and Notebook SXGA/SXGA+/UXGA 1 2 3 4 5 MoreNational Semiconductor
MAX38772.5Gbps +3.3V Clock and Data Retiming ICs with Vertical Threshold Adjust 1 2 3 4 5 MoreMaxim Integrated Products
MC74HCT273AOctal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs 1 2 3 4 5 MoreON Semiconductor
MAX3669+3.3V 622Mbps SDH/SONET Laser Driver with Current Monitors and APC 1 2 3 4 5 MoreMaxim Integrated Products
MAX9317-MAX9317CDual 1:5 Differential Clock Drivers with LVPECL Inputs and LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products

Datasheet Page

1 2 3 4 5 6 7 8


Link URL

Related keyword

  MAX3690 Datasheet   MAX3690 Cross Reference   MAX3690 Schematic   MAX3690 Distributor   MAX3690 Datenblatt   MAX3690 RoHS
  MAX3690 Equivalent   MAX3690 Application Notes   MAX3690 Data Sheet   MAX3690 component   MAX3690 Fiche Technique   MAX3690 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl