Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      MAX3680(2)    MAX3681(2)    MAX368C(4)    MAX368E(3)    MAX368M(1)

Featured Products and Offers


Datasheet

    MAX3681 - 3.3V, 622Mbps, SDH/SONET 1:4 Deserializer with LVDS Outputs - Maxim Integrated Products

Page

 
Part No. MAX3681
Description  +3.3V, 622Mbps, SDH/SONET 1:4 Deserializer with LVDS Outputs
Download  MAX3681 Click to view
File Size   63.49 Kbytes / 8 Pages
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX3885+3.3V 2.488Gbps SDH/SONET 1:16 Deserializer with LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX3680+3.3V 622Mbps SDH/SONET 1:8 Deserializer with TTL Outputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX3950+3.3V 10.7Gbps 1:16 Deserializer with LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products
FPD87392+3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS™ Outputs for TFT-LCD Monitor and Notebook SXGA/SXGA+/UXGA 1 2 3 4 5 MoreNational Semiconductor
FPD87352CXA+3.3V TFT-LCD Timing Controller with Single LVDS Input/Dual RSDS Outputs Including RTC for TFT-LCD Monitors and TV 1 2 3 4 5 National Semiconductor
MAX3691+3.3V 622Mbps SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX3693+3.3V 622Mbps SDH/SONET 4:1 Serializer with Clock Synthesis and LVDS Inputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX1180Dual 10-Bit 105Msps +3.3V Low-Power ADC with Internal Reference and Parallel Outputs 1 2 3 4 5 MoreMaxim Integrated Products
MAX11241.8V 10-Bit 250Msps Analog-to-Digital Converter with LVDS Outputs for Wideband Applications 1 2 3 4 5 MoreMaxim Integrated Products
MAX9310A1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs 1 2 3 4 5 MoreMaxim Integrated Products

Datasheet Page

1 2 3 4 5 6 7 8


Link URL

Related keyword

  MAX3681 Datasheet   MAX3681 Cross Reference   MAX3681 Schematic   MAX3681 Distributor   MAX3681 Datenblatt   MAX3681 RoHS
  MAX3681 Equivalent   MAX3681 Application Notes   MAX3681 Data Sheet   MAX3681 component   MAX3681 Fiche Technique   MAX3681 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl