|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAX2680 - 400MHz to 2.5GHz, Low-Noise, SiGe Downconverter Mixers - Maxim Integrated Products |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAX2660 | 400MHz to 2.5GHz Upconverter Mixers | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX2690 | Low-Noise 2.5GHz Downconverter Mixer | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX2644 | 2.4GHz SiGe High IP3 Low-Noise Amplifier | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX2642 | 900MHz SiGe High IP3 Low-Noise Amplifiers | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX2640 | 400MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX2645 | 3.4GHz to 3.8GHz SiGe Low-Noise Amplifier/PA Predriver | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX2406 | Low-Cost Downconverter with Low-Noise Amplifier | 1 2 3 4 5 More | Maxim Integrated Products |
| SA9503 | Dual-band CDMA/AMPS LNA and downconverter mixers | 1 2 3 4 5 More | NXP Semiconductors |
| MSG43004 | SiGe HBT type For low-noise RF amplifier | 1 2 3 4 | Panasonic Semiconductor |
| SA9504 | Dual-band PCSCDMA/AMPS LNA and downconverter mixers | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|