|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAX2660 - 400MHz to 2.5GHz Upconverter Mixers - Maxim Integrated Products |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAX2680 | 400MHz to 2.5GHz Low-Noise SiGe Downconverter Mixers | 1 2 3 4 5 More | Maxim Integrated Products |
| ESLT-S245E | 2012 Size 2.4/2.5GHz Band Chip Multilayer RF Transformer | 1 2 3 4 | Hitachi Metals, Ltd |
| HFA3763 | 400MHz Quadrature Modulator and AGC | 1 2 3 4 5 More | Intersil Corporation |
| EL5396A | Triple 400MHz Fixed Gain Amplifier with Enable | 1 2 3 4 5 More | Intersil Corporation |
| TL442M | Balanced mixers | 1 2 3 4 5 More | Texas Instruments |
| MAX2683 | 3.5GHz Downconverter Mixers with Selectable LO Doubler | 1 2 3 4 5 More | Maxim Integrated Products |
| RF9908 | CDMA/FM UPCONVERTER/BPSK MODULATOR | 1 2 3 4 | RF Micro Devices |
| AD6633 | Multichannel Digital Upconverter with VersaCREST Crest Reduction Engine | 1 2 | Analog Devices |
| MGFS45V2325 | 2.3 - 2.5GHz BAND 30W INTERNALLY MATCHD GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MAX2690 | Low-Noise 2.5GHz Downconverter Mixer | 1 2 3 4 5 More | Maxim Integrated Products |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|