Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX157 Datasheet (PDF) - Maxim Integrated Products

MAX157 Datasheet PDF - Maxim Integrated Products
Part # MAX157
Download  MAX157 Download

File Size   169.83 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks

MAX157 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX157 Datasheet PDF - Maxim Integrated Products

Part # MAX157
Download  MAX157 Click to download

File Size   169.83 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks

MAX157 Datasheet (HTML) - Maxim Integrated Products


MAX157 Product details

General Description
The MAX157/MAX159 low-power, 10-bit analog-to-digital converters (ADCs) are available in 8-pin µMAX and DIP packages. Both devices operate with a single +2.7V to +5.25V supply and feature a 7.4µs successive-approximation ADC, automatic power-down, fast wake-up (2.5µs), an on-chip clock, and a high-speed,
3-wire serial interface.

Features
♦ Single-Supply Operation (+2.7V to +5.25V)
♦ Two Single-Ended Channels (MAX157) Single Pseudo-Differential Channel (MAX159)
♦ Low Power
    0.9mA (at 108ksps, +3V)
    100µA (at 10ksps, +3V)
    10µA (at 1ksps, +3V)
    <0.2µA (power-down mode)
♦ Internal Track/Hold
♦ 108ksps Sampling Rate
♦ SPI/QSPI/MICROWIRE-Compatible 3-Wire Serial Interface
♦ Space-Saving 8-Pin µMAX Package
♦ Pin-Compatible 12-Bit Upgrades Available

Applications
    Battery-Powered Systems
    Instrumentation
    Portable Data Logging
    Test Equipment
    Isolated Data Acquisition
    Medical Instruments
    Process-Control Monitoring
    System Supervision




Similar Part No. - MAX157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1570ETE MAXIM-MAX1570ETE Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
MAX1572 MAXIM-MAX1572 Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
MAX1572ETC MAXIM-MAX1572ETC Datasheet
340Kb / 11P
   800mA, 2MHz, PWM DC-to-DC Step-Down Converter with RESET
Rev 0; 4/03
More results


Similar Description - MAX157

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com