Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      MAX1420(3)    MAX1421(3)    MAX1422(3)    MAX1425(7)    MAX1426(7)    MAX1427(3)    MAX1428(3)    MAX1429(2)

Featured Products and Offers


Datasheet

    MAX1427 - 15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications - Maxim Integrated Products

Page

 
Part No. MAX1427
Description  15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
Download  MAX1427 Click to view
File Size   352.58 Kbytes / 20 Pages
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX141915-Bit 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications 1 2 3 4 5 MoreMaxim Integrated Products
MAX142815-Bit 80Msps ADC with -78.4dBFS Noise Floor for IF Applications 1 2 3 4 5 MoreMaxim Integrated Products
MAX142915-Bit 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications 1 2 3 4 5 MoreMaxim Integrated Products
SDA9254-22.6 MBit Dynamic Sequential Access Memory for Television Applications TV-SAM with On-chip Noise Reduction Filter 1 2 3 4 5 MoreSiemens Semiconductor Group
MAX19588High-Dynamic-Range 16-Bit 100Msps ADC with -82dBFS Noise Floor 1 2 3 4 5 MoreMaxim Integrated Products
LP3878Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors 1 2 3 4 5 MoreNational Semiconductor
LP2989LVMicropower 500 mA Low Noise Low Dropout Regulator for Applications with Output Voltages < 2V Designed for Use with Very Low ESR Output Capacitors 1 2 3 4 5 MoreNational Semiconductor
PE33363000 MHz UltraCMOS™ Integer-N PLL for Low Phase Noise Applications 1 2 3 4 5 MorePeregrine Semiconductor Corp.
TEA0675Dual Dolby* B-type noise reduction circuit for playback applications 1 2 3 4 5 MoreNXP Semiconductors

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Link URL

Related keyword

  MAX1427 Datasheet   MAX1427 Cross Reference   MAX1427 Schematic   MAX1427 Distributor   MAX1427 Datenblatt   MAX1427 RoHS
  MAX1427 Equivalent   MAX1427 Application Notes   MAX1427 Data Sheet   MAX1427 component   MAX1427 Fiche Technique   MAX1427 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl