|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAX1401 - 3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC - Maxim Integrated Products |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD7982 | 18-bit 1 MSPS PulSAR ADC in MSOP/QFN | 1 2 3 4 5 More | Analog Devices |
| AD7674 | 18-Bit 2.5 LSB INL 800 kSPS SAR ADC | 1 2 3 4 5 More | Analog Devices |
| ADA4922-1 | High Voltage Differential 18-Bit ADC Driver | 1 2 3 4 5 More | Analog Devices |
| AD7631 | 18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC | 1 2 3 4 5 More | Analog Devices |
| AD7796 | Low Power 16-/24-Bit Sigma-Delta ADC for Bridge Sensors | 1 2 3 4 5 More | Analog Devices |
| AD776 | 16-Bit 100 kSPS Oversampling ADC | 1 2 3 4 5 More | Analog Devices |
| MAX1448 | 10-Bit 80Msps Single 3.0V Low-Power ADC with Internal Reference | 1 2 3 4 5 More | Maxim Integrated Products |
| SN74FB1650 | 18-BIT TTL/BTL UNIVERSAL STORAGE TRANSCEIVER | 1 2 3 4 5 More | Texas Instruments |
| AD1970 | Digital BTSC Encoder with Integrated ADC and DAC | 1 2 3 4 5 More | Analog Devices |
| CS4525 | 30 W Digital TV Amplifier with Integrated ADC | 1 2 3 4 5 More | Cirrus Logic |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 |
Link URL |
|
|