|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAX1400 - %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC - Maxim Integrated Products |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAX1401 | +3V 18-Bit Low-Power Multichannel Oversampling Sigma-Delta ADC | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX1402 | +5V 18-Bit Low-Power Multichannel Oversampling Sigma-Delta ADC | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX1403 | +3V 18-Bit Low-Power Multichannel Oversampling Sigma-Delta ADC | 1 2 3 4 5 More | Maxim Integrated Products |
| MX7705 | 16-Bit Low-Power 2-Channel Sigma-Delta ADC | 1 2 3 4 5 More | Maxim Integrated Products |
| ADUC812 | MicroConverter⢠Multichannel 12-Bit ADC with Embedded FLASH MCU | 1 2 3 4 5 More | Analog Devices |
| AD7798 | Low Power 24-Bit/16-Bit Sigma-Delta ADC with In-Amp | 1 2 3 4 5 More | Analog Devices |
| AD7794 | Low Power 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference 6 Channel | 1 2 3 4 5 More | Analog Devices |
| AD7691 | 18-Bit 1.5 LSB INL 250 kSPS PulSAR Differential ADC in MSOP/QFN | 1 2 3 4 5 More | Analog Devices |
| TDA1309H | Low-voltage low-power stereo bitstream ADC/DAC | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 |
Link URL |
|
|