|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAX1201 - 5v sINGLE-sUPPLY, 2.2mSPS, 14-bIT sELF-cALIBRATING adc - Maxim Integrated Products |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAX1205 | +5v sINGLE-sUPPLY 1mSPS 14-bIT sELF-cALIBRATING adc | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX1200 | +5v sINGLE-sUPPLY 1mSPS 16-bIT sELF-cALIBRATING adc | 1 2 3 4 5 More | Maxim Integrated Products |
| LTC1416 | Low Power 14-Bit 400ksps Sampling ADC | 1 2 3 4 5 More | Linear Technology |
| MAX1156 | 14-Bit 135ksps Single-Supply ADCs with Bipolar Analog Input Range | 1 2 3 4 5 More | Maxim Integrated Products |
| LTC1417 | Low Power 14-Bit 400ksps Sampling ADC Converter with Serial I/O | 1 2 3 4 5 More | Linear Technology |
| LTC1411 | Single Supply 14-Bit 2.5Msps ADC | 1 2 3 4 5 More | Linear Integrated Systems |
| MAX5141 | +3V/+5V Serial-Input Voltage-Output 14-Bit DACs | 1 2 3 4 5 More | Maxim Integrated Products |
| LTC1418 | Low Power 14-Bit 200ksps ADC with Serial and Parallel I/O | 1 2 3 4 5 More | Linear Technology |
| AD779 | 14-Bit 128 kSPS Complete Sampling ADC | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|