|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAX1200 - 5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc - Maxim Integrated Products |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MAX1205 | +5v sINGLE-sUPPLY 1mSPS 14-bIT sELF-cALIBRATING adc | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX1201 | +5v sINGLE-sUPPLY 2.2mSPS 14-bIT sELF-cALIBRATING adc | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX1132 | 16-Bit ADC 200ksps 5V Single-Supply with Reference | 1 2 3 4 5 More | Maxim Integrated Products |
| AD1870 | Single-Supply 16-Bit Stereo ADC | 1 2 3 4 5 More | Analog Devices |
| AD1877 | Single-Supply 16-Bit Stereo ADC | 1 2 3 4 5 More | Analog Devices |
| MAX1177 | 16-Bit 135ksps Single-Supply ADC with 0 to 10V Input Range | 1 2 3 4 5 More | Maxim Integrated Products |
| MAX1162 | 16-Bit +5V 200ksps ADC with 10μA Shutdown | 1 2 3 4 5 More | Maxim Integrated Products |
| ST72141K | 8-BIT MCU WITH ELECTRIC-MOTOR CONTROL ADC 16-BIT TIMERS SPI INTERFACE | 1 2 3 4 5 More | STMicroelectronics |
| AD7715 | 3 V/5 V 450 uA 16-Bit Sigma-Delta ADC | 1 2 3 4 5 More | Analog Devices |
| C8051F065 | 25 MIPS 64 kB Flash 16-Bit ADC 64-Pin Mixed-Signal MCU | 1 2 | Silicon Laboratories |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|