Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1005 Datasheet (PDF) - Maxim Integrated Products

MAX1005 Datasheet PDF - Maxim Integrated Products
Part # MAX1005
Download  MAX1005 Download

File Size   95.38 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description IF Undersampler

MAX1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1005 Datasheet PDF - Maxim Integrated Products

Part # MAX1005
Download  MAX1005 Click to download

File Size   95.38 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description IF Undersampler

MAX1005 Datasheet (HTML) - Maxim Integrated Products

MAX1005 Datasheet HTML 1Page - Maxim Integrated Products MAX1005 Datasheet HTML 2Page - Maxim Integrated Products MAX1005 Datasheet HTML 3Page - Maxim Integrated Products MAX1005 Datasheet HTML 4Page - Maxim Integrated Products MAX1005 Datasheet HTML 5Page - Maxim Integrated Products MAX1005 Datasheet HTML 6Page - Maxim Integrated Products MAX1005 Datasheet HTML 7Page - Maxim Integrated Products MAX1005 Datasheet HTML 8Page - Maxim Integrated Products

MAX1005 Product details

General Description
The MAX1005 is a combined digitizer and reconstruction integrated circuit designed to work in systems that demodulate and modulate communications signals.

Features
♦ Differential-Input, 5-Bit ADC
♦ Differential-Output, 7-Bit DAC
♦ 15Msps Min Conversion Rate
♦ 25MHz -1dB Full-Power Bandwidth
♦ 44dB SFDR for ADC
   39dB at 10.7MHz SFDR (Imaged) for DAC
♦ Internal Voltage Reference
♦ Parallel Logic Interface
♦ Single-Supply Operation (+2.7V to +5.5V)
♦ 0.1µA Low-Power Shutdown Mode

Applications
   PWT1900
   PHS/P
   Wireless Loops
   PCS/N




Similar Part No. - MAX1005

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX100 MAXIM-MAX100 Datasheet
123Kb / 16P
   250Msps, 8-Bit ADC with Track/Hold
19-0282; Rev 0; 7/94
MAX100 MAXIM-MAX100 Datasheet
244Kb / 12P
   Dual Differential-Output Data Paths
Rev 0; 11/94
MAX1002 MAXIM-MAX1002 Datasheet
106Kb / 12P
   Low-Power, 60Msps, Dual, 6-Bit ADC
19-1270; Rev 0; 7/97
MAX1002 MAXIM-MAX1002 Datasheet
93Kb / 8P
   User-Selectable ADC Full-Scale Gain Ranges
Rev 0; 6/97
MAX1002CAX MAXIM-MAX1002CAX Datasheet
106Kb / 12P
   Low-Power, 60Msps, Dual, 6-Bit ADC
19-1270; Rev 0; 7/97
More results


Similar Description - MAX1005

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
MSFB43-85-001M0 KSS-MSFB43-85-001M0 Datasheet
152Kb / 1P
   cdmaOne-IF
logo
Fujitsu Component Limit...
FAR-F4SE-44M000-H0A3 FUJITSU-FAR-F4SE-44M000-H0A3 Datasheet
61Kb / 3P
   TV-IF
logo
Advanced Crystal Techno...
ACTF4010 ACT-ACTF4010_10 Datasheet
124Kb / 3P
   IF filter
March 2010
logo
List of Unclassifed Man...
42IF100-RC ETC-42IF100-RC Datasheet
55Kb / 1P
   IF Transformer
12/12/07
logo
Kyocera Kinseki Corpota...
MSFC12-83-026K0 KSS-MSFC12-83-026K0 Datasheet
151Kb / 1P
   AMPS-IF
logo
Fujitsu Component Limit...
SBF0408DPL FUJITSU-SBF0408DPL Datasheet
75Kb / 4P
   IF Filter
logo
Kyocera Kinseki Corpota...
MSFB27-183-022K8 KSS-MSFB27-183-022K8 Datasheet
144Kb / 1P
   AMPS-IF
logo
Advanced Crystal Techno...
ACTF4818 ACT-ACTF4818_10 Datasheet
197Kb / 5P
   IF filter
March 2010
logo
NTE Electronics
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
logo
General Electric Compan...
6HR6 GEC-6HR6 Datasheet
67Kb / 1P
   IF AMPLIFIER
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com