|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MTN2428-11C - Marktech 0.28 Clock (13 Pin) Display - Marktech Corporate |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MTN2428-14C | Marktech 0.28 Clock Std. Display | 1 | Marktech Corporate |
| MO461C | 0.6 FOUR DIGIT LED CLOCK DISPLAY | 1 2 | Micro Electronics |
| EE14-511 | CRYSTAL CONTROLLED OSCILLATORS 14 PIN 3.3V ECL CLOCK OSCILLATOR | 1 2 | List of Unclassifed Manufacturers |
| MTN2228-11A | Marktech 0.28 Dual Digit | 1 | Marktech Corporate |
| MSQC4111C | 0.4 inch 10.2mm 4 Digit CLOCK STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| SC8560 | The SC8560 is an alarm equipped digital clock IC with built-in drivers capable of directly driving LED display equipment. | 1 2 3 4 5 More | Silan Microelectronics Joint-stock |
| K1100BA | 14 PIN dip 5.0 volt clock oscillator | 1 2 | MTRONPTI |
| MSQC6110C | 14mm 0.56 inch Four Digit CLOCK STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| TKD8001 | Clock Synthesizer and Display DAC | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| LTS2301AWC | 0.28 INCH DIGIT HEIGHT SINGLE DIGIT LOW CURRENT SEVEN SEGMENT DISPLAY | 1 2 3 4 5 | Lite-On Technology Corporation |
Datasheet Page |
1 |
Link URL |
|
|