|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PF03 - 40-860 MHz. Ultra-linear Opto Receiver Amplifier - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PAW- | 40-860 MHz. 28 dB. CATV Ultra-linear Amplifier | 1 | Tyco Electronics |
| PAW887B | 40-860 MHz. 28 dB. CATV Ultra-linear Amplifier | 1 | Tyco Electronics |
| PAW-1026 | 5 - 200 MHz. 24 dB. CATV Ultra-linear Amplifier | 1 | Tyco Electronics |
| PAW-1027 | 35-550 MHz. 38 dB. CATV Ultra-linear Amplifier | 1 | Tyco Electronics |
| PAW587 | 40-550 MHz. 21 dB. CATV Ultra-linear Amplifier | 1 | Tyco Electronics |
| PAW588 | 40-550 MHz. 34 dB. CATV Ultra-linear Amplifier | 1 | Tyco Electronics |
| PAW788 | 40-750 MHz. 34 dB. CATV Ultra-linear Amplifier | 1 | Tyco Electronics |
| PA1225 | 1850-1910 MHz. Low Noise High Dynamic Range Linear Amplifier | 1 2 | Tyco Electronics |
| BGA619 | The BGA619 Silicon-Germanium High IP3 Low Noise Amplifier in PCS Receiver Applications | 1 2 3 4 5 More | Infineon Technologies AG |
| HA16852MP | Optical Communication Receiver/Amplifier | 1 2 3 4 5 | Hitachi Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|