|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PA1157 - 2000-2200 MHz. WCDMA Ultra Linear Power Amplifier - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PA1224 | 2000-2200 MHz. 5 Watt 28v. GaAs Ultra Linear Power Amplifier | 1 2 | Tyco Electronics |
| PA1159 | 2300-2400 MHz. Ultra Linear Power Amplifier | 1 | Tyco Electronics |
| PA1182 | 2300-2400 MHz. 5 Watt 28v. GaAs Ultra Linear Power Amplifier | 1 2 | Tyco Electronics |
| PA1186 | 800-960 MHz. 6 Watt 28v. GaAs Ultra Linear Power Amplifier | 1 2 | Tyco Electronics |
| PA1223 | 2110-2170 MHz. 5 Watt 28v. GaAs Ultra Linear Power Amplifier | 1 2 | Tyco Electronics |
| PA1152 | 1800 -2000 MHz. Ultra Low Noise Linear Power Amplifier | 1 | Tyco Electronics |
| MAAP-007649-000100 | Ultra Linear 2W Power Amplifier 800 to 1000 MHz | 1 2 3 4 5 More | Tyco Electronics |
| PA1162 | 800-960 MHz 4 Watt Ultra Linear Power Amplifier | 1 | Tyco Electronics |
| AWT6251 | PCS/WCDMA 3.4V/27.5 dBm Linear Power Amplifier Module | 1 2 3 4 5 More | ANADIGICS, Inc |
| AWT6270 | HELP 830-840 MHz WCDMA 3.4V/27dBm Linear Power Amplifier Module | 1 2 3 4 5 More | ANADIGICS, Inc |
Datasheet Page |
1 |
Link URL |
|
|