|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PA1138 - 2000-2200MHz.Wireless Local Loop Amplifier - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STM351-2 | RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS | 1 2 3 | STMicroelectronics |
| STM376-2 | RF POWER MODULE WIRELESS LOCAL LOOP APPLICATIONS | 1 2 3 | STMicroelectronics |
| SS9018 | AM/FM Amplifier Local Oscillator of FM/VHF Tuner | 1 2 3 4 | Fairchild Semiconductor |
| MD57-0001 | Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz | 1 2 3 4 | Tyco Electronics |
| MF1049-2 | FOR WIRELESS LOCAL LOOP Tx | 1 | Mitsubishi Electric Semiconductor |
| 2SK1645 | For C to X-band Local Oscillator and Amplifier | 1 2 3 4 | Sanyo Semicon Device |
| SGF35 | For C to Ku-Band Local Oscillator and Amplifier | 1 2 3 4 5 | Sanyo Semicon Device |
| HFA1212 | Dual 350MHz Low Power Closed Loop Buffer Amplifier | 1 2 3 4 5 More | Intersil Corporation |
| 2SK1646 | For C to X-band Local Oscillator and Amplifier | 1 2 3 4 | Sanyo Semicon Device |
| HFA1115883 | High Speed Low Power Output Limiting Closed Loop Buffer Amplifier | 1 2 3 4 5 | Intersil Corporation |
Datasheet Page |
1 |
Link URL |
|
|