|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PA1110 - 1800-2000 MHz.Ultra Linear Power Amplifier - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PA1132 | 1800-2000 MHz. Linear Power Amplifier | 1 | Tyco Electronics |
| KIA6278P | BIPOLAR LINEAR INTEGRATED CIRCUIT 1W SINGLE AUDIO POWER AMPLIFIER | 1 2 3 4 5 | KEC(Korea Electronics) |
| KIA8259H | BIPOLAR LINEAR INTEGRATED CIRCUIT MAX POWER 37W QUAD BTL AUDIO POWER AMPLIFIER | 1 2 3 4 5 More | KEC(Korea Electronics) |
| AM55-0004 | 250 mW Linear Power Amplifier and T/R Switch 1.8 - 2.0 GHz | 1 2 3 4 5 More | Tyco Electronics |
| PA1152 | 1800 -2000 MHz. Ultra Low Noise Linear Power Amplifier | 1 | Tyco Electronics |
| MAX2242 | 2.4GHz to 2.5GHz Linear Power Amplifier | 1 2 3 4 5 More | Maxim Integrated Products |
| AWT6135 | PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module | 1 2 3 4 5 More | ANADIGICS, Inc |
| RF2103P | MEDIUM POWER LINEAR AMPLIFIER | 1 2 3 4 5 More | RF Micro Devices |
| RF2137 | LINEAR POWER AMPLIFIER | 1 2 3 4 | RF Micro Devices |
| RF2189 | 3V 2.5GHZ LINEAR POWER AMPLIFIER | 1 2 3 4 5 More | RF Micro Devices |
Datasheet Page |
1 |
Link URL |
|
|