|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
NJG1705V - 1.5/1.9GHz BAND FRONT-END GaAs MMIC - New Japan Radio |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NJG1704KC1 | 800MHz BAND FRONT-END GaAs MMIC | 1 2 3 4 5 More | New Japan Radio |
| NJG1704V | 800MHz BAND FRONT-END GaAs MMIC | 1 2 3 4 5 More | New Japan Radio |
| NJG1709KC1 | 1.5/1.9GHz BAND FRONT-END GaAs MMIC | 1 2 3 4 5 More | New Japan Radio |
| NJG1714KC1 | 1.9GHz BAND FRONT-END GaAs MMIC | 1 2 3 4 5 More | New Japan Radio |
| NJG1550F | 800MHz BAND MIXER GaAs MMIC | 1 2 3 4 5 More | New Japan Radio |
| NJG1551F | 800mhZ band mixer gAaS mmic | 1 2 3 4 5 More | New Japan Radio |
| UPG2008TK | NECs L S BAND ULTRA SMALL SPDT GaAs MMIC SWITCH | 1 2 | California Eastern Labs |
| NJG1553BF | 1.9ghZ band mixer gAaS mmic | 1 2 3 4 5 More | New Japan Radio |
| UPG2024TQ | NECs GaAs MMIC DPDT SWITCHES FOR 5 GHz BAND WIRELESS LAN | 1 2 3 4 5 More | California Eastern Labs |
| NJG1555KB2 | 800mhZ band mixer gAaS mmic | 1 2 3 4 5 More | New Japan Radio |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 |
Link URL |
|
|