|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MA46600 - GaAs Abrupt Tuning Varactors - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BBY24-BBY27 | Silicon Tuning Varactors Abrupt junction tuning diode Tuning range 120 V | 1 2 | Siemens Semiconductor Group |
| SMV1405 | Abrupt Junction Tuning Varactors | 1 2 3 | Alpha Industries |
| MA45430 | Surface Mount Abrupt Tuning Varactors | 1 2 | Tyco Electronics |
| MA46 | Surface Mount GaAs Tuning Varactors | 1 2 3 4 | Tyco Electronics |
| MA46410 | GaAs Constant Gamma Hyperabrupt Tuning Varactors | 1 2 3 4 5 | Tyco Electronics |
| MV1863D | SILICON ABRUPT TUNING VARACTOR DIODE | 1 | Advanced Semiconductor |
| MA45851 | SILICON ABRUPT TUNING VARACTOR DIODE | 1 | Advanced Semiconductor |
| MA48700 | GaAs Multiplier Varactors | 1 2 3 | Tyco Electronics |
| PC115A | SILICON ABRUPT TUNING VARACTOR | 1 | Advanced Semiconductor |
| BBY34C | Silicon Tuning Varactors Hyperabrupt junction tuning diode Frequency linear tuning range 4 ⦠12 V | 1 2 | Siemens Semiconductor Group |
Datasheet Page |
1 2 3 |
Link URL |
|
|