|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ETM4-1T-2 - 00.05 - 3.072 MHz E-Series RF 4:1 Transformer - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MABAES0031 | E-Series RF 4:1 Flux Coupled Transformer 1.0 - 650 MHz | 1 2 | Tyco Electronics |
| MABAES0034 | E-Series RF 4:1 Transformer 20 - 1000 MHz | 1 | Tyco Electronics |
| MABAES0054 | E-Series 4:1 Transmission Line Transformer 5.00 - 1000.00 MHz | 1 2 3 | Tyco Electronics |
| ET4-1-SM1 | E-Series RF 4:1 Transformer 0.5 - 350 MHz | 1 2 | Tyco Electronics |
| ETK4-1T | E-Series RF 4:1 Transformer 8.0 - 750 MHz | 1 2 | Tyco Electronics |
| ETC4-1-8 | E-Series RF 1:4 Transformer 20 - 350 MHz | 1 | Tyco Electronics |
| ETC1-1-10 | E-Series RF 1:1 Transformer 1710 - 1910 MHz | 1 2 | Tyco Electronics |
| ETC4-1 | E-Series RF 1:4 Flux Coupled Step-up Transformer 1-350 MHz | 1 2 | Tyco Electronics |
| MABAES0061 | E-Series RF 1:4 Flux Coupled Step-up Transformer 2.0 - 800 MHz | 1 2 3 | Tyco Electronics |
| ETC1-1-13 | E-Series RF 1:1 Transmission Line Transformer 4.5 - 3000 MHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 |
Link URL |
|
|