|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
EKIN2-420X - E-Series I/Q Modulator 410 - 430 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| EKIN2-420DX | E-Series I/Q Demodulator 410 - 430 MHz | 1 2 | Tyco Electronics |
| MAMDES0010 | E-Series I/Q Modulator 1930 - 1990 MHz | 1 2 | Tyco Electronics |
| MAMDES0011 | E-Series I/Q Modulator 105 - 115 MHz | 1 2 | Tyco Electronics |
| EKIN2-390X-2 | E-Series I/Q Modulator 380 - 400 MHz | 1 2 | Tyco Electronics |
| EKIN2-70 | E-Series I/Q Modulator 70 MHz | 1 2 | Tyco Electronics |
| EKIN2-960 | E-Series I/Q Modulator 925 - 960 MHz | 1 2 | Tyco Electronics |
| EKIN2-150H | E-Series I/Q Modulator 149.95 MHz | 1 2 | Tyco Electronics |
| EKIN2-150W | E-Series I/Q Modulator 140 - 160 MHz | 1 | Tyco Electronics |
| EKIN2-155W | E-Series I/Q Modulator 135 - 176 MHz | 1 2 | Tyco Electronics |
| EKIN2-220 | E-Series I/Q Modulator 215 - 225 MHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|