|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
EKIN2-420DX - E-Series I/Q Demodulator 410 - 430 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| EKIN2-420X | E-Series I/Q Modulator 410 - 430 MHz | 1 2 | Tyco Electronics |
| MAMDES0002 | E-Series I/Q Demodulator 851-869 MHz | 1 2 | Tyco Electronics |
| EKIN2-155WD | E-Series I/Q Demodulator 135 - 176 MHz | 1 2 | Tyco Electronics |
| EKIN2-220D | E-Series I/Q Demodulator 215 - 225 MHz | 1 2 | Tyco Electronics |
| EKIN2-390DX1 | E-Series I/Q Demodulator 380 - 400 MHz | 1 2 | Tyco Electronics |
| EKIN2-70D | E-Series I/Q Demodulator 70 MHz | 1 2 | Tyco Electronics |
| AD8348 | 50-1000 MHz Quadrature Demodulator | 1 2 3 4 5 More | Analog Devices |
| MA4IQP900L-1291T | I/Q Modulator/Demodulator 850-960 MHz | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| EIN11 | E-Series RF Inductor 50 MHz | 1 2 | Tyco Electronics |
| ELCM-11F | E-Series Surface Mount Mixer 350 - 2000 MHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|