|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DS53-0005 - Low Cost Three-Way GMIC SMT Power Divider 1850 . 1990 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DS55-0004 | Low Cost Five-Way GMIC SMT Power Divider 824-896 MHz | 1 2 | Tyco Electronics |
| DS58-0001 | Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz | 1 2 | Tyco Electronics |
| DS52-0007 | Low Cost Two-Way GMIC SMT Power Divider 2200 - 2500 MHz | 1 2 | Tyco Electronics |
| DS52-0008 | Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz | 1 2 | Tyco Electronics |
| DS54-0005 | Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz | 1 2 | Tyco Electronics |
| DS55-0003 | Low Cost Five-Way GMIC SMT Power Divider 1850-1990 MHz | 1 2 | Tyco Electronics |
| DS56-0001 | Low Cost Six-Way SMT Power Divider 824 - 960 MHz | 1 2 | Tyco Electronics |
| DS56-0005 | Low Cost Six-Way SMT Power Divider 824 - 960 MHz | 1 2 | Tyco Electronics |
| DS56-0006 | Low Cost Six-Way SMT Power Divider 1700 - 2000 MHz | 1 2 | Tyco Electronics |
| DS52-0001 | Low Cost Two-Way SMT Power Divider 824-960 MHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|