Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXE-1089ZSQ Datasheet (PDF) - RF Micro Devices

CXE-1089ZSQ Datasheet PDF - RF Micro Devices
Part # CXE-1089ZSQ
Download  CXE-1089ZSQ Download

File Size   795.52 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 50MHz to 1200MHz 75廓 pHEMT MMIC LNA

CXE-1089ZSQ Datasheet (PDF)

Go To PDF Page Download Datasheet
CXE-1089ZSQ Datasheet PDF - RF Micro Devices

Part # CXE-1089ZSQ
Download  CXE-1089ZSQ Click to download

File Size   795.52 Kbytes
Page   12 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 50MHz to 1200MHz 75廓 pHEMT MMIC LNA

CXE-1089ZSQ Datasheet (HTML) - RF Micro Devices

Back Button CXE-1089ZSQ Datasheet HTML 1Page - RF Micro Devices CXE-1089ZSQ Datasheet HTML 2Page - RF Micro Devices CXE-1089ZSQ Datasheet HTML 3Page - RF Micro Devices CXE-1089ZSQ Datasheet HTML 4Page - RF Micro Devices CXE-1089ZSQ Datasheet HTML 5Page - RF Micro Devices CXE-1089ZSQ Datasheet HTML 6Page - RF Micro Devices CXE-1089ZSQ Datasheet HTML 7Page - RF Micro Devices CXE-1089ZSQ Datasheet HTML 8Page - RF Micro Devices CXE-1089ZSQ Datasheet HTML 9Page - RF Micro Devices CXE-1089ZSQ Datasheet HTML 10Page - RF Micro Devices Next Button 



Similar Part No. - CXE-1089ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CXE-1089Z RFMD-CXE-1089Z Datasheet
397Kb / 10P
   50MHz to 1200MHz 75廓 pHEMT MMIC LNA
CXE-1089Z-EVB1 RFMD-CXE-1089Z-EVB1 Datasheet
397Kb / 10P
   50MHz to 1200MHz 75廓 pHEMT MMIC LNA
More results


Similar Description - CXE-1089ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CXE-1089Z RFMD-CXE-1089Z Datasheet
397Kb / 10P
   50MHz to 1200MHz 75廓 pHEMT MMIC LNA
logo
Analog Devices
HMC599ST89 AD-HMC599ST89 Datasheet
518Kb / 8P
   GaAs pHEMT MMIC LNA, 75 Ohm
logo
RF Micro Devices
RFCA3828 RFMD-RFCA3828 Datasheet
1Mb / 12P
   75廓 High Linearity pHEMT MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC599ST89 HITTITE-HMC599ST89 Datasheet
732Kb / 8P
   GaAs pHEMT MMIC LNA, 75 Ohm 50 - 1000 MHz
logo
RF Micro Devices
SPF5122Z RFMD-SPF5122Z Datasheet
814Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF5043ZSQ RFMD-SPF5043ZSQ Datasheet
1Mb / 13P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5043Z RFMD-SPF-5043Z Datasheet
590Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5122Z RFMD-SPF-5122Z Datasheet
405Kb / 12P
   50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
logo
Qorvo, Inc
RFCA3828 QORVO-RFCA3828 Datasheet
1Mb / 12P
   75 High Linearity pHEMT MMIC Amplifier
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
   CATV 75 廓 pHEMT High Gain RF Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com