|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DCG-10-4N - 11 dB Directional Coupler 30 - 1000 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CH35-0008-S | 20 dB Directional Coupler 5 - 1000 MHz | 1 | Tyco Electronics |
| CH-140 | 20 dB Directional Coupler 5 - 1000 MHz | 1 2 | Tyco Electronics |
| CH20-0059-S | 11 dB Directional Coupler 500 - 1000 MHz | 1 | Tyco Electronics |
| EMDC-10-1 | E-Series Coupler 5 - 1000 MHz | 1 | Tyco Electronics |
| MACPES0028 | E-Series 75 Ohm Coupler 40 - 1000 MHZ | 1 2 | Tyco Electronics |
| EMDC-13-1-75 | E-Series 75 Ohm Coupler 5 - 1000 MHZ | 1 2 | Tyco Electronics |
| MACPES0050 | E-Series 75 Ohm Coupler 5 - 1000 MHZ | 1 2 | Tyco Electronics |
| EMDC-13-2 | E-Series Coupler 5 - 1000 MHz | 1 | Tyco Electronics |
| EMDC-16-1-75 | E-Series Coupler 20 - 1000 MHz | 1 | Tyco Electronics |
| JYDC-7-1HP | High Power Directional Coupler 50⦠30 to 500 MHz | 1 | Mini-Circuits |
Datasheet Page |
1 2 |
Link URL |
|
|