|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CH35-0009-S - 11 dB Directional Coupler 10 - 500 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CH20-0059-S | 11 dB Directional Coupler 500 - 1000 MHz | 1 | Tyco Electronics |
| JYDC-7-1HP | High Power Directional Coupler 50⦠30 to 500 MHz | 1 | Mini-Circuits |
| JYDC-23-1HP | High Power Directional Coupler 50⦠30 to 500 MHz | 1 | Mini-Circuits |
| FSTH-90S-L | 400 / 500 MHz Band Chip Multilayer Coupler | 1 | Hitachi Metals, Ltd |
| CH-140 | 20 dB Directional Coupler 5 - 1000 MHz | 1 2 | Tyco Electronics |
| CH-130-4 | 30 dB Bi-directional Coupler 500 Watt 2 - 32 MHz | 1 2 | Tyco Electronics |
| CH-138 | 11 dB Bi-directional Coupler 10 - 500 MHz | 1 2 | Tyco Electronics |
| CH20-0058-S | 11 dB Directional Coupler 1500 - 2000 MHz | 1 | Tyco Electronics |
| Z30-13-5-75 | Directional Coupler 75⦠5 to 1500 MHz | 1 | Mini-Circuits |
| CH35-0008-S | 20 dB Directional Coupler 5 - 1000 MHz | 1 | Tyco Electronics |
Datasheet Page |
1 |
Link URL |
|
|