|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CH20-0058-S - 11 dB Directional Coupler 1500 - 2000 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZNDC-20-2G | Directional Coupler 50⦠20dB 800 to 2000 MHz | 1 | Mini-Circuits |
| ZNDC-23-2G | Directional Coupler 50⦠23dB 800 to 2000 MHz | 1 | Mini-Circuits |
| ZX30-17-5 | Directional Coupler 50⦠5 to 2000 MHz | 1 | Mini-Circuits |
| Z30-13-5-75 | Directional Coupler 75⦠5 to 1500 MHz | 1 | Mini-Circuits |
| Z30-16-5-75 | Directional Coupler 75⦠5 to 1500 MHz | 1 | Mini-Circuits |
| ZNDC-13-2G | Directional Coupler 50⦠13dB 800 to 2000 MHz | 1 | Mini-Circuits |
| ZNDC-15-2G | Directional Coupler 50⦠15dB 800 to 2000 MHz | 1 | Mini-Circuits |
| ZNDC-18-2G | Directional Coupler 50⦠18dB 800 to 2000 MHz | 1 | Mini-Circuits |
| CH-140 | 20 dB Directional Coupler 5 - 1000 MHz | 1 2 | Tyco Electronics |
| DBTC-17-5_5L | Surface Mount Directional Couplers 50⦠50 to 2000 MHz | 1 | Mini-Circuits |
Datasheet Page |
1 |
Link URL |
|
|