|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CH20-0032-17G-TR - Low Cost SMT 17dB Bi-Directional Coupler 824 - 960 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CH20-0033-17G | Low Cost SMT 17 dB Bi-Directional Coupler 1700 - 2000 MHz | 1 2 | Tyco Electronics |
| DS52-0008 | Low Cost Two-Way GMIC SMT Power Divider 824 - 960 MHz | 1 2 | Tyco Electronics |
| DS54-0005 | Low Cost Four-Way GMIC SMT Power Divider 824 . 960 MHz | 1 2 | Tyco Electronics |
| DS56-0001 | Low Cost Six-Way SMT Power Divider 824 - 960 MHz | 1 2 | Tyco Electronics |
| DS56-0005 | Low Cost Six-Way SMT Power Divider 824 - 960 MHz | 1 2 | Tyco Electronics |
| DS58-0001 | Low Cost Eight-Way GMIC SMT Power Divider 824 - 960 MHz | 1 2 | Tyco Electronics |
| DS53-0001 | Low Cost Three Way Power Splitter/Combiner 824 - 960 MHz | 1 2 | Tyco Electronics |
| DS52-0001 | Low Cost Two-Way SMT Power Divider 824-960 MHz | 1 2 | Tyco Electronics |
| DS52-0002 | Low Cost Two-Way SMT Power Divider 1920- 2170 MHz | 1 2 | Tyco Electronics |
| DS52-0005 | Low Cost Two-Way SMT Power Divider 1700 - 1900 MHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|