|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Featured Products and Offers |
|
|
Datasheet |
A28 - 10 TO 1500 MHz CASCADABLE AMPLIFIER - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AC1508 | 10 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER | 1 2 | List of Unclassifed Manufacturers |
| A25 | Cascadable Amplifier 5 to 1500 MHz | 1 2 | Tyco Electronics |
| RA26 | Cascadable Amplifier 10 to 1500 MHz | 1 2 | Tyco Electronics |
| A24 | 5 TO 1500 MHz CASCADABLE AMPLIFIER | 1 | Tyco Electronics |
| A25-1 | 2 TO 1500 MHz CASCADABLE AMPLIFIER | 1 | Tyco Electronics |
| A26 | 10 TO 1500 MHz CASCADABLE AMPLIFIER | 1 | Tyco Electronics |
| A28-2 | 10 TO 1500 MHz CASCADABLE AMPLIFIER | 1 | Tyco Electronics |
| A29-1 | 10 TO 1500 MHz CASCADABLE AMPLIFIER | 1 | Tyco Electronics |
| AC1582 | 5 TO 1500 MHz TO-8 CASCADABLE AMPLIFIER | 1 | List of Unclassifed Manufacturers |
| A36-2 | Cascadable Amplifier 100 to 2600 MHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 |
Link URL |
|
|