|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1307031 - 2.4 GHz Patch Antenna for ISM Band - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1307028 | Dipole Antenna for ISM Band | 1 2 | Tyco Electronics |
| MA02303GJ | RF Power Amplifier IC for 2.4 GHz ISM | 1 2 3 4 5 More | Tyco Electronics |
| SA2400A | Single chip transceiver for 2.45 GHz ISM band | 1 2 3 4 5 More | NXP Semiconductors |
| ANP-C-115 | 1.9 GHz Patch Antenna for PCN | 1 2 | Tyco Electronics |
| MC13191 | 2.4 GHz ISM Band Low Power Transceiver | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| BFP194 | PNP Silicon RF Transistor For low distortion broadband amplifiers in antenna and telecommunications systems up to 1.5 GHz at collector currents | 1 2 3 4 5 More | Siemens Semiconductor Group |
| 2SC5295J | For 2 GHz Band Low-Noise Amplification | 1 2 3 | Panasonic Semiconductor |
| CXG1068N | SP4T Antenna Switch for GSM Dual band | 1 2 3 4 5 More | Sony Corporation |
| CD54AC280 | 2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER | 1 | Intersil Corporation |
| MC13180 | 2.4 GHz Low Power Wireless Transceiver IC for Bluetooth⢠Applications | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 |
Link URL |
|
|