|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FM401 - 1A GLASS PASSIVATED SMA DIODES - Leshan Radio Company |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZY75 | SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES | 1 2 3 | Continental Device India Limited |
| GL34M | MINI-MELF glass passivated junction Diodes - Silicon passivated type | 1 2 | Formosa MS |
| 1N4728A | SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES | 1 2 3 4 | Continental Device India Limited |
| GP200 | 2 AMP SOFT GLASS PASSIVATED DIODES | 1 2 | DIOTEC Electronics Corporation |
| CSMA20XSA | 2.0Amp. Glass Passivated Diodes | 1 2 3 4 | Cystech Electonics Corp. |
| GP400 | 4 AMP HIGH RELIABILITY SOFT GLASS PASSIVATED SILICON DIODES | 1 2 | DIOTEC Electronics Corporation |
| SS12 | 1A SCHOTTKY SMA DIODES | 1 2 | Leshan Radio Company |
| 1N6309 | 500 mW GLASS ZENER DIODES | 1 2 | Microsemi Corporation |
| BZX55C2V4RL | 500 mW DO-35 Glass Zener Voltage Regulator Diodes | 1 2 3 4 5 More | Motorola, Inc |
| DI100 | DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0~1.5 Amperes | 1 2 | Pan Jit International Inc. |
Datasheet Page |
1 2 |
Link URL |
|
|