|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5398G - 1.5A GENERAL PURPOSE GPP DIODES - Leshan Radio Company |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RL151G | 1.5A GENERAL PURPOSE GPP DIODES | 1 2 | Leshan Radio Company |
| 1B5400G | 3A GENERAL PURPOSE GPP DIODES | 1 2 | Leshan Radio Company |
| 1N4001G | 1A GENERAL PURPOSE GPP DIODES | 1 2 | Leshan Radio Company |
| 2SD2674 | General purpose amplification 12V 1.5A | 1 2 3 | Rohm |
| FDH400 | High Voltage General PurPose Diodes | 1 | Fairchild Semiconductor |
| BAV100 | General purpose diodes | 1 2 3 4 5 More | NXP Semiconductors |
| KSV2101 | GLASS - LEADED GENERAL PURPOSE ABRUPT VARACTOR DIODES | 1 | Knox Semiconductor, Inc |
| D2SB20 | General Purpose Rectifiers 200V 1.5A | 1 2 3 4 5 | Shindengen Electric Mfg.Co.Ltd |
| BAS19 | General purpose diodes | 1 2 3 4 5 More | NXP Semiconductors |
| BAV20 | General purpose diodes | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 |
Link URL |
|
|