|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LT1372 - 4.5A, 500kHz Step-Down Switching Regulator - Linear Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LT1959 | 4.5A 500kHz Step-Down Switching Regulator | 1 2 3 4 5 More | Linear Technology |
| LT1933 | 600mA 500kHz Step-Down Switching Regulator in SOT-23 | 1 2 3 4 5 More | Linear Technology |
| 78ST300 | 3 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR | 1 2 3 | Texas Instruments |
| LTC1775 | High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator | 1 2 3 4 5 More | Linear Technology |
| LT1766 | 5.5V to 60V 1.5A 200kHz Step-Down Switching Regulator | 1 2 3 4 5 More | Linear Technology |
| LT1976 | High Voltage 1.5A 200kHz Step-Down Switching Regulator with 100mA Quiescent Current | 1 2 3 4 5 More | Linear Technology |
| PT6313 | 2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR | 1 2 | Texas Instruments |
| BD9702T | 1 Channel Step-down Switching Regulator | 1 2 3 4 5 More | Rohm |
| GS-R1005 | 50W STEP-DOWN SWITCHING REGULATOR | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 |
Link URL |
|
|