|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LT1038 - 10Amp Positive Adjustable Voltage Regulator - Linear Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM317L | ADJUSTABLE VOLTAGE REGULATOR POSITIVE | 1 2 3 | HTC Korea TAEJIN Technology Co. |
| LM317 | 3-Terminal Adjustable Output Positive Voltage Regulators | 1 2 3 4 5 More | Vishay Siliconix |
| LM78XX | 3-Terminal 1A Positive Voltage Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| LM317CM | 3-Terminal Adjustable Output Positive Voltage Regulators | 1 2 3 4 5 More | Vishay Siliconix |
| AN78XX | 3-pin positive output voltage regulator 1 A type | 1 2 3 4 5 More | Panasonic Semiconductor |
| LD1117A | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | STMicroelectronics |
| LD1117 | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | 1 2 3 4 5 More | STMicroelectronics |
| LM317 | 3-Terminal Positive Adjustable Regulator | 1 2 3 4 5 | Fairchild Semiconductor |
| AN6531 | 4-pin variable positive output voltage regulator | 1 2 3 4 5 | Panasonic Semiconductor |
| LM317L | 3-Terminal 0.1A Positive Adjustable Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|