Description The ispLSI 1032/883 is a High-Density Programmable Logic Device processed in full compliance to MIL-STD-883. This military grade device contains 192 Registers, 64 Universal I/O pins, eight Dedicated Input pins, four Dedicated Clock Input pins and a Global Routing Pool (GRP). The GRP provides complete interconnectivity between all of these elements. The ispLSI 1032/883 features 5-Volt in-system programming and in-system diagnostic capabilities. It is the first device which offers non-volatile reprogrammability of the logic, as well as the interconnect to provide truly reconfigurable systems. Features • HIGH-DENSITY PROGRAMMABLE LOGIC — High Speed Global Interconnect — 6000 PLD Gates — 64 I/O Pins, Eight Dedicated Inputs — 192 Registers — Wide Input Gating for Fast Counters, State Machines, Address Decoders, etc. — Small Logic Block Size for Fast Random Logic — Security Cell Prevents Unauthorized Copying • HIGH PERFORMANCE E2CMOS® TECHNOLOGY — fmax = 60 MHz Maximum Operating Frequency — tpd = 20 ns Propagation Delay — TTL Compatible Inputs and Outputs — Electrically Erasable and Reprogrammable — Non-Volatile E2CMOS Technology — 100% Tested • IN-SYSTEM PROGRAMMABLE — In-System Programmable™ (ISP™) 5-Volt Only — Increased Manufacturing Yields, Reduced Time-to-Market, and Improved Product Quality — Reprogram Soldered Devices for Faster Prototyping • COMBINES EASE OF USE AND THE FAST SYSTEM SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY OF FIELD PROGRAMMABLE GATE ARRAYS — Complete Programmable Device Can Combine Glue Logic and Structured Designs — Four Dedicated Clock Input Pins — Synchronous and Asynchronous Clocks — Flexible Pin Placement — Optimized Global Routing Pool Provides Global Interconnectivity • ispDesignEXPERT™ – LOGIC COMPILER AND COMPLETE ISP DEVICE DESIGN SYSTEMS FROM HDL SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING — Superior Quality of Results — Tightly Integrated with Leading CAE Vendor Tools — Productivity Enhancing Timing Analyzer, Explore Tools, Timing Simulator and ispANALYZER™ — PC and UNIX Platforms
|