|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
1N5441 - GENERAL PURPOSE ABRUPT VARACTOR DIODES - Knox Semiconductor, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 1N5139 | GENERAL PURPOSE ABRUPT VARACTOR DIODES | 1 | Knox Semiconductor, Inc |
| 1N5681 | GENERAL PURPOSE ABRUPT VARACTOR DIODES | 1 | Knox Semiconductor, Inc |
| KSV2101 | GLASS - LEADED GENERAL PURPOSE ABRUPT VARACTOR DIODES | 1 | Knox Semiconductor, Inc |
| SMV2101 | PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES | 1 | Knox Semiconductor, Inc |
| BY249 | Rectifier diodes general purpose | 1 2 3 4 5 | NXP Semiconductors |
| 1N4001G | 1A GENERAL PURPOSE GPP DIODES | 1 2 | Leshan Radio Company |
| RL151G | 1.5A GENERAL PURPOSE GPP DIODES | 1 2 | Leshan Radio Company |
| CS1553 | SILICON GENERAL PURPOSE SWITCHING DIODES AXIAL LEAD | 1 2 3 | Continental Device India Limited |
| FDH400 | High Voltage General PurPose Diodes | 1 | Fairchild Semiconductor |
| GP600 | 6 AMP GENERAL PURPOSE SILICON DIODES | 1 2 | DIOTEC Electronics Corporation |
Datasheet Page |
1 |
Link URL |
|
|