|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UPD4712C - RS-232 LINE DRIVER/RECEIVER - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UPD4715A | RS-232 LINE DRIVER/RECEIVER | 1 2 3 4 5 More | NEC |
| SN75LV4737A | 3.3-V/5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER | 1 2 3 4 5 More | Texas Instruments |
| MAX1488E | ±15kV ESD-Protected Quad Low-Power RS-232 Line Driver | 1 2 3 4 5 More | Maxim Integrated Products |
| SP385E-1 | True +3V or +5V RS-232 Line Driver/Receiver | 1 2 3 4 5 More | Sipex Corporation |
| UPD4721 | RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V | 1 2 3 4 5 More | NEC |
| MAX1489E | ±15kV ESD-Protected Quad Low-Power RS-232 Line Receiver | 1 2 3 4 5 More | Maxim Integrated Products |
| SP385E | Enhanced +3V or +5V RS-232 Line Driver/Receiver | 1 2 3 4 5 More | Sipex Corporation |
| MAX3223 | 3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH +/-15k-V ESD PROTECTION | 1 2 3 4 5 More | Texas Instruments |
| MAX3232 | 3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH +-15-kV ESD PROTECTION | 1 2 3 4 5 More | Texas Instruments |
| UPD4722 | RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V | 1 2 3 4 5 More | NEC |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|