|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
JANTXV2N6796 - POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=8.0A) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| MRF141 | N-CHANNEL BROADBAND RF POWER MOSFET | 1 2 3 4 5 More | Motorola, Inc |
| STD100NH03L | N-CHANNEL 30V - 0.005 W - 60A DPAK STripFET⢠III POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STB45NF06 | N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET⢠POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STB75NF75 | N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D²PAK STripFET⢠II POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STB90NF03L | N-CHANNEL 30V - 0.0056ohm - 90A D2PAK LOW GATE CHARGE STripFET⢠POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STD12NF06L | N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET⢠II POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| AF70N02 | N-Channel Enhancement Mode Power MOSFET | 1 2 3 4 5 More | Anachip Corp |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|