![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
JANTXV2N6782 - POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A) - International Rectifier |
|
Click Here View JANTXV2N6782 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | Sensitron |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | Sensitron |
| STB80NF10 | N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET | STMicroelectronics |
| IRF530 | N-CHANNEL 100V - 0.115 W - 14A TO-220 LOW GATE CHARGE STripFET¢â II POWER MOSFET | STMicroelectronics |
| MRF177 | N-CHANNEL BROADBAND RF POWER MOSFET | Motorola, Inc |
| IRFP150N | 44A 100V 0.030 Ohm N-Channel Power MOSFET | Fairchild Semiconductor |
| BUZ900DP | N-CHANNEL POWER MOSFET | ETC |
| STW12NK90Z | N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET | STMicroelectronics |
| LPR30 | LOW DROP VOLTAGE REGULATOR DRIVE FOR EXTERNAL N-CHANNEL POWER MOSFET | STMicroelectronics |
| STB16NF06L | N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET¢â POWER MOSFET | STMicroelectronics |
Link URL |
|
|
Related keyword |
| JANTXV2N6782 Datasheet | JANTXV2N6782 Cross Reference | JANTXV2N6782 Schematic | JANTXV2N6782 Distributor | JANTXV2N6782 Datenblatt | JANTXV2N6782 RoHS |
| JANTXV2N6782 Equivalent | JANTXV2N6782 Application Notes | JANTXV2N6782 Data Sheet | JANTXV2N6782 component | JANTXV2N6782 Fiche Technique | JANTXV2N6782 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |