![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
JANTXV2N6766 - POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.085ohm, Id=30A) - International Rectifier |
|
Click Here View JANTXV2N6766 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | Sensitron |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | Sensitron |
| MRF141 | N-CHANNEL BROADBAND RF POWER MOSFET | Motorola, Inc |
| SD1905 | HF/VHF POWER MOSFET N-Channel Enhancement Mode | Advanced Semiconductor |
| DV2805 | VHF POWER MOSFET N-Channel Enhancement Mode | Advanced Semiconductor |
| STB45NF06 | N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET¢â POWER MOSFET | STMicroelectronics |
| STB75NF75 | N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D©÷PAK STripFET¢â II POWER MOSFET | STMicroelectronics |
| STB90NF03L | N-CHANNEL 30V - 0.0056ohm - 90A D2PAK LOW GATE CHARGE STripFET¢â POWER MOSFET | STMicroelectronics |
| STD12NF06L | N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET¢â II POWER MOSFET | STMicroelectronics |
| AF9928N | N-Channel Enhancement Mode Power MOSFET | Anachip Corp |
Link URL |
|
|
Related keyword |
| JANTXV2N6766 Datasheet | JANTXV2N6766 Cross Reference | JANTXV2N6766 Schematic | JANTXV2N6766 Distributor | JANTXV2N6766 Datenblatt | JANTXV2N6766 RoHS |
| JANTXV2N6766 Equivalent | JANTXV2N6766 Application Notes | JANTXV2N6766 Data Sheet | JANTXV2N6766 component | JANTXV2N6766 Fiche Technique | JANTXV2N6766 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |