|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRLD024 - Power MOSFET(Vdss=60V, Rds(on)=0.10ohm, Id=2.5A) - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SBF50P10-023L | RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| IRFD024 | Power MOSFET Vdss=60V Rds on =0.10ohm Id=2.5A | 1 2 3 4 5 More | International Rectifier |
| SHD224701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| JANTX2N6802 | POWER MOSFET N-CHANNEL BVdss=500V Rds on =1.5ohm Id=2.5A | 1 2 3 4 5 More | International Rectifier |
| SHD225701 | LOW RDS HERMETIC POWER MOSFET - N-CHANNEL | 1 2 | Sensitron |
| SHD244702 | LOW RDS HERMETIC POWER MOSFET - P-CHANNEL | 1 2 3 | Sensitron |
| STB80NF55-06 | N-channel 55V - 0.005⦠- 80A - TO-220 /FP - I2PAK - D2PAK STripFET⢠II Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| MMDF3P03HD | DUAL TMOS POWER MOSFET 30 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| MMSF5N02HD | SINGLE TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS | 1 2 3 4 5 More | Motorola, Inc |
| 2SK3520-01MR | N CHANNEL SILICON POWER MOSFET | 1 2 | Fuji Electric |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|