Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3175 Datasheet (PDF) - KR Electronics, Inc.

3175 Datasheet PDF - KR Electronics, Inc.
Part # 3175
Download  3175 Download

File Size   58.87 Kbytes
Page   3 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 247.5 MHz Bandpass Filter

3175 Datasheet (PDF)

Go To PDF Page Download Datasheet
3175 Datasheet PDF - KR Electronics, Inc.

Part # 3175
Download  3175 Click to download

File Size   58.87 Kbytes
Page   3 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 247.5 MHz Bandpass Filter

3175 Datasheet (HTML) - KR Electronics, Inc.

3175 Datasheet HTML 1Page - KR Electronics, Inc. 3175 Datasheet HTML 2Page - KR Electronics, Inc. 3175 Datasheet HTML 3Page - KR Electronics, Inc.

3175 Product details

General Description
KR Electronics part number 3175 is a 247.5 MHz bandpass filter. The filter has a minimum 1 dB bandwidth of 15 MHz. Other frequencies are available. Please consult the factory.

Features
● 247.5 MHz Bandpass Filter
● 15 MHz min 1 dB Bandwidth
● 50 Ω Source and Load
● Surface Mount
● SMA Connectors Available




Similar Part No. - 3175

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3175 ALLEGRO-3175 Datasheet
147Kb / 8P
   HALL-EFFECT LATCHES
logo
Mallory performance clu...
3175 MALLORY-3175 Datasheet
41Kb / 1P
   INLINE FUEL FILTER
logo
List of Unclassifed Man...
3175 ETC2-3175 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
logo
Allegro MicroSystems
3175 ALLEGRO-3175 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3175 ETC2-3175 Datasheet
68Kb / 1P
   WASHERS
More results


Similar Description - 3175

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF247.5M-29A OSCILENT-821-IF247.5M-29A Datasheet
222Kb / 6P
   247.5 MHz IF SAW Filter 29.70 MHz Bandwidth
logo
Transko Electronics, In...
TA24729AD1 TRANSKO-TA24729AD1 Datasheet
598Kb / 4P
   247.5 MHz IF SAW Filter / 29.70 MHz Bandwidth
Revision 0: 24. Nov. 2009
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TriQuint Semiconductor
855780 TRIQUINT-855780 Datasheet
49Kb / 1P
   199 MHz Bandpass Filter
855832 TRIQUINT-855832 Datasheet
63Kb / 1P
   230 MHz Bandpass Filter
855559 TRIQUINT-855559 Datasheet
58Kb / 1P
   398 MHz Bandpass Filter
855590 TRIQUINT-855590 Datasheet
66Kb / 1P
   201 MHz Bandpass Filter
855845 TRIQUINT-855845 Datasheet
53Kb / 1P
   85.380 MHz Bandpass Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com