![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : IRHN9230(1) |
|
Click Here View IRHN9230 Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| IRH9230 | TRANSISTOR P-CHANNEL BVdss=-200V Rds on =0.8ohm Id=-6.5A | International Rectifier |
| IRHM9230 | TRANSISTOR P-CHANNEL BVdss=-200V Rds on =0.8ohm Id=-6.5A | International Rectifier |
| UPA1914 | P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING | NEC |
| BS208 | P-channel enhancement mode vertical D-MOS transistor | NXP Semiconductors |
| BSP250 | P-channel enhancement mode vertical D-MOS transistor | NXP Semiconductors |
| PHP109 | P-channel enhancement mode MOS transistor | NXP Semiconductors |
| FDC654P | P-Channel Enhancement Mode Field Effect Transistor | Fairchild Semiconductor |
| FDP4020P | P-Channel 2.5V Specified Enhancement Mode Field Effect Transistor | Fairchild Semiconductor |
| FDS8928A | Dual N & P-Channel Enhancement Mode Field Effect Transistor | Fairchild Semiconductor |
| MTD2955V | P-Channel Enhancement Mode Field Effect Transistor | Fairchild Semiconductor |
| Related keyword |
| IRHN9230 Datasheet | IRHN9230 Cross Reference | IRHN9230 Schematic | IRHN9230 Distributor | IRHN9230 Datenblatt | IRHN9230 RoHS |
| IRHN9230 Equivalent | IRHN9230 Application Notes | IRHN9230 Data Sheet | IRHN9230 component | IRHN9230 Fiche Technique | IRHN9230 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |