![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
IRHN9150 - TRANSISTOR P-CHANNEL(BVdss=-100V, Rds(on)=0.120ohm, Id=-22A) - International Rectifier |
|
Click Here View IRHN9150 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| UPA1850 | P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING | NEC |
| BSH299 | P-channel enhancement mode MOS transistor | NXP Semiconductors |
| BSS92 | P-channel enhancement mode vertical D-MOS transistor | NXP Semiconductors |
| BSP170P | SIPMOS Power Transistor P-Channel Enhancement mode Avalanche rated dv/dt rated | Siemens Semiconductor Group |
| NDH8320C | Dual N & P-Channel Enhancement Mode Field Effect Transistor | Fairchild Semiconductor |
| NDS352P | P-Channel Logic Level Enhancement Mode Field Effect Transistor | Fairchild Semiconductor |
| NDS9435A | Single P-Channel Enhancement Mode Field Effect Transistor | Fairchild Semiconductor |
| SI4539DY | Dual N & P-Channel Enhancement Mode Field Effect Transistor | Fairchild Semiconductor |
| CEM9400A | P-Channel Enhancement Mode Field Effect Transistor | Chino-Excel Technology |
| BS850 | P-CHANNEL ENHANCEMENT MODE DMOS TRANSISTOR | Diodes Incorporated |
Link URL |
|
|
Related keyword |
| IRHN9150 Datasheet | IRHN9150 Cross Reference | IRHN9150 Schematic | IRHN9150 Distributor | IRHN9150 Datenblatt | IRHN9150 RoHS |
| IRHN9150 Equivalent | IRHN9150 Application Notes | IRHN9150 Data Sheet | IRHN9150 component | IRHN9150 Fiche Technique | IRHN9150 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |